|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Round Type 2.0 Max. NOT SOLDERED 5.0 mm InGaAIP Conventional Part No. Global Parts No. Lighting Color Unit: mm 4.6 0.2 7.0 0.2 5.8 0.2 s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Soft Orange 125 150 50 4 -25 +85 -30 +100 IFP duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec 2 - 0.6 0.1 26.0 1.0 2 - 0.8 Max 1.51.5 0.5 2.82 0.3 LNW8B3SF8 ************ LNW8B3SF8 ************ Soft Orange 0.6 0.1 1 2 (1.5) (2.54) 1: Anode 2: Cathode s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LNW8B3SF8 Unit Lighting Lens Color Color Soft Orange Clear - - IO Typ 520 mcd Min - mcd IF 20 mA Typ 2.0 V VF Max 2.5 V P Typ 620 nm Typ 15 nm IR IF 20 mA Max 100 A VR 4 V IO IF 10000 5000 100 50 IF VF Relative Luminous Intensity 500 300 IO Ta Forward Current LN W4 A4C N4 Luminous Intensity W LN 8A 4 LN W8 A4 CN 8 8 CN 30 1000 500 0 300 N4 4C 4A NW L 10 5 3 100 50 30 LNW 4A4C N4 LNW8A 4CN8 100 1 3 5 10 30 50 100 1 1.6 1.8 2.0 2.2 2.4 10 -20 0 20 40 60 80 100 Forward Current Forward Voltage Ambient Temperature Relative Luminous Intensity Wavelength Characteristics Relative Luminous Intensity 100 80 30 40 60 40 20 0 500 50 60 60 70 80 600 700 800 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 80 90 100 80 IF Ta 100 Directive Characteristics 20 10 0 10 20 30 40 50 Forward Current 80 60 40 20 0 0 20 40 60 80 100 Wavelength Relative Luminous Intensity Ambient Temperature 126 |
Price & Availability of LNW8B3SF8 |